Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA982 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA982
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA982 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA982 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA982 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA982 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA980/981/982
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA980
-100
2SA981
-120
V(BR)CEO
Collector-emitter
breakdown voltage
2SA982
IC=-50mA ;IB=0
-140
V
VCEsat
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-1.5
V
2SA980
VCB=-100V; IE=0
2SA981
VCB=-120V; IE=0
ICBO
Collector cut-off current
2SA982
VCB=-140V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-6V; IC=0
-0.1
mA
hFE
DC current gain
IC=-3A ; VCE=-4V
30
fT
Transition frequency
IC=-0.5A ; VCE=-12V
20
MHz
Switching times
tr
Rise time
0.85
μs
ts
Storage time
2.0
μs
tf
Fall time
IC=-3A;RL=4Ω
IB1=-0.2A; IB2=0.1A
VCC=-12V
0.3
μs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com