Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX82 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUX82
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX82 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUX82 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX82 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUX82/83
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 400V(Min)-BUX82
= 450V(Min)-BUX83
·High Switching Speed
APPLICATIONS
·Designed for use as high-speed power switch at high
voltage.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BUX82
800
VCES
Collector-Emitter Voltage
BUX83
1000
V
BUX82
400
VCEO
Collector-Emitter Voltage
BUX83
450
V
BUX82
500
VCER
Collector-Emitter Voltage
RBE= 50Ω
BUX83
500
V
VEBO
Emitter-Base Voltage
10
V
IC
Collector Current-Continuous
6
A
ICM
Collector Current-Peak
8
A
IB
B
Base Current-Continuous
2
A
IBM
Base Current-Peak
3
A
PC
Collector Power Dissipation @TC=25℃
75
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.65
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BUX82

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUX82 SEME-LAB-BUX82 Datasheet
16Kb / 2P
HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BUX82 SIEMENS-BUX82 Datasheet
119Kb / 5P
NPN SILICON POWER TRANSISTOR
More results

Similar Description - BUX82

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29 ISC-TIP29 Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com