Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5148 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC5148
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5148 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC5148 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5148 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5148 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC5148
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA ; IB= 0
600
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.3A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.3A
B
1.3
V
ICBO
Collector Cutoff Current
VCB= 1500V ; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V ; IC= 0
10
μA
hFE-1
DC Current Gain
IC= 1A ; VCE= 5V
8
25
hFE-2
DC Current Gain
IC= 5A ; VCE= 5V
3.8
8.0
fT
Current-Gain—Bandwidth Product
IC= 0.1A ; VCE= 10V
2
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10V; ftest= 1.0MHz
110
pF
Switching times
tstg
Storage Time
4.0
μs
tf
Fall Time
ICP= 4A , IB1= 0.8A ; fH= 64kHz
0.3
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com