Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1CS896 Datasheet(PDF) 88 Page - Actel Corporation

Part # AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Datasheet(HTML) 88 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 84Page - Actel Corporation AX2000-1CS896 Datasheet HTML 85Page - Actel Corporation AX2000-1CS896 Datasheet HTML 86Page - Actel Corporation AX2000-1CS896 Datasheet HTML 87Page - Actel Corporation AX2000-1CS896 Datasheet HTML 88Page - Actel Corporation AX2000-1CS896 Datasheet HTML 89Page - Actel Corporation AX2000-1CS896 Datasheet HTML 90Page - Actel Corporation AX2000-1CS896 Datasheet HTML 91Page - Actel Corporation AX2000-1CS896 Datasheet HTML 92Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 226 page
background image
Axcelerator Family FPGAs
2- 74
v2.7
Modes of Operation
There are two read modes and one write mode:
•
Read Nonpipelined (synchronous – one clock edge)
•
Read Pipelined (synchronous – two clock edges)
•
Write (synchronous – one clock edge)
In the standard read mode, new data is driven onto the
RD bus in the clock cycle immediately following RA and
REN valid. The read address is registered on the read-
port active-clock edge and data appears at read-data
after the RAM access time. Setting the PIPE to OFF
enables this mode.
The pipelined mode incurs an additional clock delay
from address to data, but enables operation at a much
higher frequency. The read-address is registered on the
read-port active-clock edge, and the read data is
registered and appears at RD after the second read clock
edge. Setting the PIPE to ON enables this mode.
On the write active-clock edge, the write data are
written into the SRAM at the write address when WEN is
high. The setup time of the write address, write enables,
and write data are minimal with respect to the write
clock.
Write and read transfers are described with timing
requirements beginning in "Timing Characteristics".
Timing Characteristics
Figure 2-58 • SRAM Model
Figure 2-59 • RAM Write Timing Waveforms
WD
RD
RA
REN
WA
WCLK
RCLK
WEN
WCLK
tWCKP
tWxxSU
tWxxHD
tWCKH
tWCKL
WA<11:0>, WD<35:0>, WEN<4:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com