Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000-1BGG896B Datasheet(PDF) 21 Page - Actel Corporation

Part # AX2000-1BGG896B
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1BGG896B Datasheet(HTML) 21 Page - Actel Corporation

Back Button AX2000-1BGG896B Datasheet HTML 17Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 18Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 19Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 20Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 21Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 22Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 23Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 24Page - Actel Corporation AX2000-1BGG896B Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-7
Timing Characteristics
Axcelerator devices are manufactured in a CMOS process, therefore, device performance varies according to
temperature, voltage, and process variations. Minimum timing parameters reflect maximum operating voltage,
minimum operating temperature, and best-case processing. Maximum timing parameters reflect minimum operating
voltage, maximum operating temperature, and worst-case processing. The derating factors shown in Table 2-7 should
be applied to all timing data contained within this datasheet.
All timing numbers listed in this datasheet represent sample timing characteristics of Axcelerator devices. Actual
timing delay values are design-specific and can be derived from the Timer tool in Actel’s Designer software after place-
and-route.
Table 2-7 • Temperature and Voltage Timing Derating Factors
(Normalized to Worst-Case Commercial, TJ = 70°C, VCCA = 1.425V)
VCCA
Junction Temperature
–55°C
–40°C
0°C
25°C
70°C
85°C
125°C
1.4V
0.83
0.86
0.91
0.96
1.02
1.05
1.15
1.425V
0.82
0.84
0.90
0.94
1.00
1.04
1.13
1.5V
0.78
0.80
0.85
0.89
0.95
0.98
1.07
1.575V
0.74
0.76
0.81
0.85
0.90
0.94
1.02
1.6V
0.73
0.75
0.80
0.84
0.89
0.92
1.01
Notes:
1. The user can set the junction temperature in Designer software to be any integer value in the range of –55
°C to 175°C.
2. The user can set the core voltage in Designer software to be any value between 1.4V and 1.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com