Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1599 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1599
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1599 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1599 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1599 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1599 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1599
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.1A ;IB=0
-40
V
VCEsat
Collector-emitter saturation voltage
IC=-5A; IB=-0.25A
-0.3
V
VBEsat
Base-emitter saturation voltage
IC=-5A; IB=-0.25A
-1.2
V
ICBO
ICEO
Collector cut-off current
At rated volatge
-0.1
mA
IEBO
Emitter cut-off current
At rated volatge
-0.1
mA
hFE
DC current gain
IC=-5A ; VCE=-2V
70
fT
Transition frequency
IC=-1A ; VCE=-10V
50
MHz
Switching times
ton
Turn-on time
0.3
μs
ts
Storage time
1.5
μs
tf
Fall time
IC=-5A;IB1=-IB2=-0.5A ,
RL=5Ω;VBB2=-4V
0.5
μs
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com