Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT55C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZT55C
Description  Silicon Epitaxial Planar Z-Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT55C Datasheet(HTML) 1 Page - Vishay Siliconix

  BZT55C Datasheet HTML 1Page - Vishay Siliconix BZT55C Datasheet HTML 2Page - Vishay Siliconix BZT55C Datasheet HTML 3Page - Vishay Siliconix BZT55C Datasheet HTML 4Page - Vishay Siliconix BZT55C Datasheet HTML 5Page - Vishay Siliconix BZT55C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZT55C...
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85601
Silicon Epitaxial Planar Z–Diodes
Features
D Very sharp reverse characteristic
D Low reverse current level
D Very high stability
D Low noise
D Available with tighter tolerances
Applications
Voltage stabilization
96 12009
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJAx300K/W
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


Similar Part No. - BZT55C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
logo
Taiwan Semiconductor Co...
BZT55C TSC-BZT55C Datasheet
267Kb / 4P
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
TEMIC Semiconductors
BZT55C10 TEMIC-BZT55C10 Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
logo
Taiwan Semiconductor Co...
BZT55C10 TSC-BZT55C10 Datasheet
267Kb / 4P
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C10 VISHAY-BZT55C10 Datasheet
193Kb / 8P
Small Signal Zener Diodes
10-Mar-06
More results

Similar Description - BZT55C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX85C15-TR VISHAY-BZX85C15-TR Datasheet
92Kb / 7P
Silicon Epitaxial Planar Z-Diodes
12-Mar-01
BZX85C13-TAP VISHAY-BZX85C13-TAP Datasheet
91Kb / 6P
Silicon Epitaxial Planar Z–Diodes
12-Mar-01
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
Silicon Epitaxial Planar Z-Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com