Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA794A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA794A
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA794A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA794A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA794A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA794A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA794 2SA794A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA794
-100
V(BR)CEO
Collector-emitter
breakdown voltage
2SA794A
IC=-100μA ;IB=0
-120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1μA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-500mA ;IB=-50mA
-0.2
-0.4
V
VBEsat
Base-emitter saturation voltage
IC=-500mA ;IB=-50mA
-0.85
-1.2
V
hFE-1
DC current gain
IC=-150mA ; VCE=-10V
90
220
hFE-2
DC current gain
IC=-500mA ; VCE=-5V
50
COB
Collector output capacitance
IE=0 ; VCB=-10V;f=1MHz
20
pF
fT
Transition frequency
VCB=-10V;IE=50mA;f=200MHz
120
MHz
hFE-1 Classifications
Q
R
90-155
130-220
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com