Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX85B
Description  Silicon Epitaxial Planar Z-Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85B Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX85B Datasheet HTML 1Page - Vishay Siliconix BZX85B Datasheet HTML 2Page - Vishay Siliconix BZX85B Datasheet HTML 3Page - Vishay Siliconix BZX85B Datasheet HTML 4Page - Vishay Siliconix BZX85B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZX85B...
Vishay Telefunken
Rev. 3, 01-Apr-99
3 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85607
Characteristics (Tj = 25_C unless otherwise specified)
–50
0
0.4
0.8
1.2
1.6
2.0
95 9612
0
50
100
150
Tamb – Ambient Temperature ( °C )
200
l=4mm
l=10mm
l=20mm
Figure 1. Total Power Dissipation vs. Ambient Tempera-
ture
0
5
10
15
20
0
50
100
150
200
250
30
95 9613
l – Lead Length ( mm )
25
ll
TL=constant
Figure 2. Thermal Resistance vs. Lead Length
0
1020
3040
1
10
100
1000
60
95 9616
VZ – Z-Voltage ( V )
50
f = 1 MHz
Tamb=25°C
VR = 30V
VR = 20V
VR =5V
VR =2V
VR =0V
Figure 3. Diode Capacitance vs. Z–Voltage
110
100
95 9615
1
10
100
1000
VZ – Z-Voltage ( V )
IZ=1mA
5mA
10mA
2mA
20mA
Figure 4. Differential Z–Resistance vs. Z–Voltage
1
10
100
1000
tp – Pulse Length ( ms )
95 9614
10–1
100
101
102
103
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=110K/W
DT=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzjDT/Zthp)1/2)/(2rzj)
Figure 5. Thermal Response



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com