Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3715 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N3715
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3715 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3715 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3715 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
2N3715/3716
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N3715
60
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
2N3716
IC= 200mA ; IB= 0
80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
0.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 3A ; VCE= 2V
1.5
V
2N3715
VCE= 80V; VBE(off)= -1.5V
VCE= 60V; VBE(off)= -1.5V, TC=150℃
1.0
10
ICEX
Collector Cutoff Current
2N3716
VCE= 100V; VBE(off)= -1.5V
VCE= 80V; VBE(off)= -1.5V, TC=150℃
1.0
10
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
5.0
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 2V
50
150
hFE-2
DC Current Gain
IC= 3A ; VCE= 2V
30
fT
Current-Gain
—Bandwidth Product
IC= 0.5A ; VCE= 10V ;ftest= 1.0MHz
4
MHz
Switching Times
tr
Rise Time
0.45
μs
tstg
Storage Time
0.3
μs
tf
Fall Time
IC= 5A; IB1= -IB2= 0.5A
0.4
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com