Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX85C3V3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZX85C3V3
Description  Silicon Epitaxial Planar Z-Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C3V3 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZX85C3V3 Datasheet HTML 1Page - Vishay Siliconix BZX85C3V3 Datasheet HTML 2Page - Vishay Siliconix BZX85C3V3 Datasheet HTML 3Page - Vishay Siliconix BZX85C3V3 Datasheet HTML 4Page - Vishay Siliconix BZX85C3V3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZX85C...
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85608
Silicon Epitaxial Planar Z–Diodes
Features
D Sharp edge in reverse characteristics
D Low reverse current
D Low noise
D Very high stability
D Available with tighter tolerances
Applications
Voltage stabilization
94 9369
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=4mm, TL=25°C
PV
1.3
W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
110
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1
V


Similar Part No. - BZX85C3V3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX85C3V3 FAIRCHILD-BZX85C3V3 Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C3V3 EIC-BZX85C3V3 Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX85C3V3 GOOD-ARK-BZX85C3V3 Datasheet
129Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Fairchild Semiconductor
BZX85C3V3 FAIRCHILD-BZX85C3V3 Datasheet
53Kb / 5P
Zeners
logo
Tak Cheong Electronics ...
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
289Kb / 4P
1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX85C3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4678 VISHAY-1N4678 Datasheet
67Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX85C15-TR VISHAY-BZX85C15-TR Datasheet
92Kb / 7P
Silicon Epitaxial Planar Z-Diodes
12-Mar-01
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
Silicon Epitaxial Planar Z-Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com