Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDT29F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT29F
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT29F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT29F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT29F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BDT29F/AF/BF/CF/DF
DESCRIPTION
·DC Current Gain -hFE = 40(Min)@ IC= 0.4A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = 40V(Min)- BDT29F; 60V(Min)- BDT29AF
80V(Min)- BDT29BF; 100V(Min)- BDT29CF
120V(Min)- BDT29DF
·Complement to Type BDT30F/AF/BF/CF/DF
APPLICATIONS
·Designed for use in audio output stages , general purpose
amplifier and high speed switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDT29F
80
BDT29AF
100
BDT29BF
120
BDT29CF
140
VCBO
Collector-Base
Voltage
BDT29DF
160
V
BDT29F
40
BDT29AF
60
BDT29BF
80
BDT29CF
100
VCEO
Collector-Emitter
Voltage
BDT29DF
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
ICM
Collector Current-Peak
3
A
IB
B
Base Current
0.4
A
PC
Collector Power Dissipation
TC=25℃
19
W
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
9.17
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
55
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDT29F

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDT29F NJSEMI-BDT29F Datasheet
134Kb / 2P
Silicon NPN Power Transistors
More results

Similar Description - BDT29F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com