Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ13091 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ13091
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ13091 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ13091 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ13091 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
MJ13090/13091
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ13090
400
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
MJ13091
IC=100mA ; IB=0
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2A
IC= 10A; IB= 2A;TC=100℃
1.0
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 3A
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 2A
IC= 10A; IB= 2A;TC=100℃
1.5
1.5
V
MJ13090
VCEV=650V;VBE(off)=1.5V
VCEV=650V;VBE(off)=1.5V;TC=100℃
0.5
2.5
ICEV
Collector
Cutoff Current
MJ13091
VCEV=750V;VBE(off)=1.5V
VCEV=750V;VBE(off)=1.5V;TC=100℃
0.5
2.5
mA
MJ13090
VCE= 650V; RBE= 50Ω,TC= 100℃
3.0
ICER
Collector
Cutoff Current
MJ13091
VCE= 750V; RBE= 50Ω,TC= 100℃
3.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 10A ; VCE= 3V
8
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0kHz
350
pF
Switching times;Resistive Load
td
Delay Time
30
50
ns
tr
Rise Time
130
500
ns
ts
Storage Time
550
2500
ns
tf
Fall Time
IC= 10A , VCC= 250V;
IB1= 1.25A;tp= 30μs; VBE(off)= 5V
Duty Cycle≤2.0%
100
500
ns
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com