Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJF13009 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJF13009
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJF13009 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJF13009 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJF13009 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJF13009
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10mA; IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A ;IB= 1A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.5
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 12A ;IB= 3A
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 5A ;IB= 1A
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 8A ;IB= 1.6A
1.6
V
ICEV
Collector Cutoff Current
VCEV= 700V; VBE(off)= 1.5V
TC= 100℃
1
5
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
1
mA
hFE-1
DC Current Gain
IC= 5A; VCE= 5V
8
40
hFE-2
DC Current Gain
IC= 8A; VCE= 5V
6
30
fT
Current-Gain—Bandwidth Product
IC= 0.5 A; VCE= 10V;
4
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest = 0.1MHz
180
pF
Switching Times; Resistive Load
ton
Storage Time
1.1
μs
ts
Storage Time
3.0
μs
tf
Fall Time
IC= 8A; VCC= 125V;
IB1= IB2= 1.6A; tp= 25μs;
Duty Cycle≤ 1%
0.7
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com