Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3478 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3478
Description  4.5A Monolithic LED Drivers with True Color PWM Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3478 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3478 Datasheet HTML 16Page - Linear Technology LT3478 Datasheet HTML 17Page - Linear Technology LT3478 Datasheet HTML 18Page - Linear Technology LT3478 Datasheet HTML 19Page - Linear Technology LT3478 Datasheet HTML 20Page - Linear Technology LT3478 Datasheet HTML 21Page - Linear Technology LT3478 Datasheet HTML 22Page - Linear Technology LT3478 Datasheet HTML 23Page - Linear Technology LT3478 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3478/LT3478-1
21
34781f
TYPICAL APPLICATIO S
LT3478-1
SHDN
VREF
OUT
LED
CTRL2
CTRL1
OVPSET
PWM
SS
VC
RT
VIN
VS
LSW
C2
4.7
µF
16V
R1
100k
R4
510
Ω
R5
510
Ω
RT
69.8k
fOSC = 500kHz
1kHz
R2
34k
PWM
DIMMING RATIO = 200:1
L1: CDRH105R-6R8
D1: B320
Q1: Si2302ADS
Q2: Si2315BDS
LED: LUXEON III (WHITE)
1A
Q1
Q2
D1
3478 TA06a
L1
6.8
µH
3.3V
0V
VIN
3.8V TO 6.5V
NiMH 4
×
C1
10
µF
10V
CC
0.1
µF
CSS
1
µF
R3
10k
OFF
ON
357
6
4
VIN (V)
80
75
70
50
55
60
65
3478 TA06b
SINGLE LED
LUXEON III (WHITE)
ILED = 1A
fOSC = 500kHz
PWM DUTY CYCLE = 100%
4W, 1 LED at 1A, Buck-Boost Mode LED Driver
Efficiency vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com