Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11017 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ11017
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ11017 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ11017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon PNP Darlington Power Transistor
M
J11017
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -100mA, IB= 0
-150
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -10A ,IB= -0.1A
-2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -15A ,IB= -0.15A
-3.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -15A ,IB= -0.15A
-3.8
V
VBE(on)
Base-Emitter On Voltage
IC= -10A ; VCE= -5V
-2.8
V
ICEV
Collector Cutoff Current
VCEV=150V;VBE(off)=1.5V
VCEV=150V;VBE(off)=1.5V;TC=150℃
-0.5
-5.0
mA
ICEO
Collector Cutoff Current
VCE= -75V, IB=0
-1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-2
mA
hFE-1
DC Current Gain
IC= -10A ; VCE= -5V
400
15000
hFE-2
DC Current Gain
IC= -15A ; VCE= -5V
100
COB
Output Capacitance
IE= 0 ; VCB= -10V,f= 0.1MHz
600
pF
Switching times
td
Delay Time
75
ns
tr
Rise Time
0.5
μs
ts
Storage Time
2.7
μs
tf
Fall Time
IC= -10A , VCC= -100V;
IB1= -0.1A; VBE(off)= -5V;
Duty Cycle≤1.0%
2.5
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com