Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11028 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ11028
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ11028 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ11028 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11028 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Darlington Power Transistor
MJ11028
DESCRIPTION
·Collector-Emitter Breakdown Voltage
: V(BR)CEO= 60V(Min.)
·High DC Current Gain-
: hFE= 1000(Min.)@IC= 25A
: hFE= 400(Min.)@IC= 50A
·Complement to Type MJ11029
APPLICATIONS
·Designed for use as output devices in complementary
general purpose amplifier applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continunous
50
A
ICM
Collector Current-Peak
100
A
IB
Base Current-Continunous
2
A
PC
Collector Power Dissipation
@TC=25℃
300
W
Tj
Junction Temperature
200
℃
Tstg
Storage Temperature Range
-55~+200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.584
℃/W


Similar Part No. - MJ11028

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11028 MOSPEC-MJ11028 Datasheet
154Kb / 3P
POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11028 MOTOROLA-MJ11028 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028 Datasheet
153Kb / 4P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11028 ONSEMI-MJ11028 Datasheet
68Kb / 4P
High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results

Similar Description - MJ11028

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD560 ISC-2SD560 Datasheet
141Kb / 3P
isc Silicon NPN Darlington Power Transistor
TIP130 ISC-TIP130 Datasheet
105Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11020 ISC-MJ11020 Datasheet
81Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11012 ISC-MJ11012 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11016 ISC-MJ11016 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
MJ11032 ISC-MJ11032 Datasheet
51Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1027 ISC-2SD1027 Datasheet
103Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1126 ISC-2SD1126 Datasheet
249Kb / 2P
isc Silicon NPN Darlington Power Transistor
2SD1190 ISC-2SD1190 Datasheet
250Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com