Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4151 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LL4151
Description  Silicon Epitaxial Planar Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4151 Datasheet(HTML) 1 Page - Vishay Siliconix

  LL4151 Datasheet HTML 1Page - Vishay Siliconix LL4151 Datasheet HTML 2Page - Vishay Siliconix LL4151 Datasheet HTML 3Page - Vishay Siliconix LL4151 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LL4151
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85559
Silicon Epitaxial Planar Diodes
Features
D Electrical data identical with the device 1N4151
Applications
Extreme fast switches
94 9371
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
50
V
Peak forward surge current
tp=1ms
IFSM
2
A
Repetitive peak forward current
IFRM
500
mA
Forward current
IF
300
mA
Average forward current
VR=0
IFAV
150
mA
Power dissipation
PV
500
mW
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=50mA
VF
0.88
1
V
Reverse current
VR=50V
IR
50
nA
VR=50V, Tj=150°C
IR
50
mA
Breakdown voltage IR=5mA, tp/T=0.01, tp=0.3ms
V(BR)
75
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
2
pF
Reverse recovery
IF=IR=10mA, iR=1mA
trr
4
ns
y
time
IF=10mA, VR=6V, iR=0.1xIR, RL=100W
trr
2
ns


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
LL4151 DIOTEC-LL4151 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com