Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3480IDD Datasheet(PDF) 21 Page - Linear Technology

Part # LT3480IDD
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480IDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3480IDD Datasheet HTML 16Page - Linear Technology LT3480IDD Datasheet HTML 17Page - Linear Technology LT3480IDD Datasheet HTML 18Page - Linear Technology LT3480IDD Datasheet HTML 19Page - Linear Technology LT3480IDD Datasheet HTML 20Page - Linear Technology LT3480IDD Datasheet HTML 21Page - Linear Technology LT3480IDD Datasheet HTML 22Page - Linear Technology LT3480IDD Datasheet HTML 23Page - Linear Technology LT3480IDD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3480
21
3480fb
TYPICAL APPLICATIONS
1.8V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
3.5V TO 27V
VOUT
1.8V
2A
4.7μF
0.47μF
47μF
100k
f = 500kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB3R3M
D
18.2k
68.1k
L
3.3μH
127k
GND
330pF
ON OFF
LT3480
3480 TA08
RUN/SS
BOOST
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com