Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4148 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LS4148
Description  Silicon Epitaxial Planar Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS4148 Datasheet(HTML) 3 Page - Vishay Siliconix

  LS4148 Datasheet HTML 1Page - Vishay Siliconix LS4148 Datasheet HTML 2Page - Vishay Siliconix LS4148 Datasheet HTML 3Page - Vishay Siliconix LS4148 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS4148.LS4448
Vishay Telefunken
Rev. 3, 01-Apr-99
3 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85561
110
1
10
100
1000
VR – Reverse Voltage ( V )
100
94 9098
Scattering Limit
Tj =25°C
Figure 3. Reverse Current vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR – Reverse Voltage ( V )
100
94 9099
2.5
f = 1 MHz
Tj =25°C
Figure 4. Diode Capacitance vs. Reverse Voltage
Dimensions in mm
96 12071



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com