Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT76AF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUT76AF
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUT76AF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUT76AF Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUT76AF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BUT76AF
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 0.5A; IB= 0; L= 125mH
450
V
V(BR)CES
Collector-Emitter Breakdown Voltage
IC= 1mA; VBE= -1.5V
1000
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
1.6
V
ICES
Collector Cutoff Current
VCE=1000V;VBE= -1.5V
VCE=1000V;VBE=-1.5V;TC=100℃
0.5
2.0
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
0.5
mA
hFE
DC Current Gain
IC= 8A ; VCE= 3V
3.2
fT
Current-Gain—Bandwidth Product
IC= 1A ; VCE= 10V
7
MHz
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1.0MHz
150
pF
Switching Times;Resistive Load
ton
Turn-On Time
1.0
μs
ts
Storage Time
3.0
μs
tf
Fall Time
IC= 5A;IB1= -IB= 1A; VCE= 150V
0.8
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com