Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3496 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3496 Datasheet HTML 9Page - Linear Technology LT3496 Datasheet HTML 10Page - Linear Technology LT3496 Datasheet HTML 11Page - Linear Technology LT3496 Datasheet HTML 12Page - Linear Technology LT3496 Datasheet HTML 13Page - Linear Technology LT3496 Datasheet HTML 14Page - Linear Technology LT3496 Datasheet HTML 15Page - Linear Technology LT3496 Datasheet HTML 16Page - Linear Technology LT3496 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3496
13
3496fe
TYPICAL APPLICATIONS
Minimum BOM Buck Mode LED Driver
300:1 PWM Dimming at 120Hz
Efficiency
0.3A
C4
0.22μF
C5
0.22μF
C6
0.22μF
LED1
330mΩ
330mΩ
PVIN
42V
7 LEDs
L1
15μH
L2
15μH
L3
15μH
CAP1
0.3A
LED2
CAP2
0.3A
LED3
C1-C3
1μF
3
330mΩ
22k
470pF
3496 TA07a
CAP3
SW1
D1
D2
D3
OPEN
SW2
LT3496
GND
SW3
TG1-3
VC1-3
VREF
CTRL1-3
FADJ
OVP1-3
CAP1-3
LED1-3
VIN
PWM1-3
SHDN
PWM1-3
SHDN
VIN
3V
C7
1μF
C1-C3, C7: MURATA GRM31MR71H105KA88
C4-C6: MURATA GRM21BR71H224KA01
D1-D3: DIODES DFLS160
L1-L3: TAIYO YUDEN NP04SZB 150M
PWM
5V/DIV
IL
0.5A/DIV
ILED
0.5A/DIV
5μs/DIV
3496 TA07b
ILED (mA)
0
75
80
85
90
95
100
50
100
150
200
3496 TA07c
250
300
PWM = 3V
CTRL = 0V TO 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com