Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AA Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # S2AA
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

S2AA Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  S2AA Datasheet HTML 1Page - HY ELECTRONIC CORP. S2AA Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Glass passivated chip
●
For surface mounted applications
●
Low reverse leakage current
●
Low forward voltage drop
●
High current capability
●
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
●
Case: Molded Plastic
●
Polarity:Color band denotes cathode
●
Weight: 0.002 ounces,0.053 grams
●
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 2.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=125℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJL
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 2.0 Amperes
μA
1.1
S2AA thru S2MA
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
IFSM
A
I(AV)
2.0
A
70
2.Thermal resistance junction to lead.
SURFACE MOUNT
GLASS PASSIVATED RECTIFIERS
~ 30 ~
IR
125
5.0
20
20
-55 to +150
-55 to +150
SMA
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - S2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2AA SSE-S2AA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2AA DIODES-S2AA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
S2AA DIODES-S2AA Datasheet
83Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 11 - 2
logo
Won-Top Electronics
S2AA WTE-S2AA Datasheet
47Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
More results

Similar Description - S2AA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
S2A HY-S2A Datasheet
37Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_17 Datasheet
138Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
S1AL YIXIN-S1AL Datasheet
163Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Rectifiers
S2A HY-S2A_19 Datasheet
271Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1AL HY-S1AL_18 Datasheet
192Kb / 3P
Surface Mount Glass Passivated Rectifiers
S1A HY-S1A_19 Datasheet
268Kb / 3P
Surface Mount Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
SM1A DACO-SM1A Datasheet
153Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
SM5931 DACO-SM5931 Datasheet
962Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
S1AL HY-S1AL_V01 Datasheet
803Kb / 3P
Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com