Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3JB Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # RS3JB
Description  SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS3JB Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  RS3JB Datasheet HTML 1Page - HY ELECTRONIC CORP. RS3JB Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
RS3AB thru RS3MB
~ 81 ~
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (℃)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
1
100
50
0
150
200
2
5
10
20
50
100
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
1000
100
10
4
10
100
RS3AB - RS3GB
RS3JB - RS3MB
TJ = 25°C f = 1 MHz
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
TJ = 25°C
PULSE WIDTH 300us
0.1
1.0
0.01
10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com