Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1232CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1232CS8
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1232CS8 Datasheet HTML 1Page - Linear Technology LTC1232CS8 Datasheet HTML 2Page - Linear Technology LTC1232CS8 Datasheet HTML 3Page - Linear Technology LTC1232CS8 Datasheet HTML 4Page - Linear Technology LTC1232CS8 Datasheet HTML 5Page - Linear Technology LTC1232CS8 Datasheet HTML 6Page - Linear Technology LTC1232CS8 Datasheet HTML 7Page - Linear Technology LTC1232CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1232
sn1232 1232fas
Terminal Voltage
VCC .......................................................–0.3V to 7.0V
ST and RST .......................................... – 0.3V to 7.0V
All Other Inputs and Outputs ...... – 0.3V to VCC +0.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1232C ............................................... 0°C to 70°C
LTC1232I ........................................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
POWER
RAM
CONDITIONAL
WATCHDOG
BATTERY
FAIL
WRITE
PUSH-BUTTON
BATTERY
PINS
RESET
TIMER
BACKUP
WARNING
PROTECT
RESET
BACKUP
LTC1232
8
X
X
X
LTC690
8
X
X
X
X
LTC691
16
X
XXXX
LTC694
8
X
X
X
X
LTC695
16
X
XXXX
LTC699
8
X
X
LTC1235
16
X
XXXX
X
X
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating tempera-
ture ranges.
PRODUCT SELECTIO GUIDE
(Note 1, 2 and 3)
ORDER
PART NUMBER
LTC1232CN8
ORDER
PART NUMBER
S8 PART MARKING
1
2
3
4
8
7
6
5
TOP VIEW
PB RST
TD
TOL
GND
VCC
ST
RST
RST
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100
°C, θJA = 130°C/W
LTC1232CS8
LTC1232IS8
1232
1232I
1
2
3
4
8
7
6
5
TOP VIEW
VCC
ST
RST
RST
PB RST
TD
TOL
GND
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100
°C, θJA = 180°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com