Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1266-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1266-5
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1266-5 Datasheet HTML 1Page - Linear Technology LTC1266-5 Datasheet HTML 2Page - Linear Technology LTC1266-5 Datasheet HTML 3Page - Linear Technology LTC1266-5 Datasheet HTML 4Page - Linear Technology LTC1266-5 Datasheet HTML 5Page - Linear Technology LTC1266-5 Datasheet HTML 6Page - Linear Technology LTC1266-5 Datasheet HTML 7Page - Linear Technology LTC1266-5 Datasheet HTML 8Page - Linear Technology LTC1266-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1266
LTC1266-3.3/LTC1266-5
(Note 1)
Input Supply Voltage (Pins 2, 5) ............... 20V to – 0.3V
Continuous Output Current (Pins 1, 16) .............. 50mA
Sense Voltages (Pins 8, 9) ....................... 13V to – 0.3V
SHDN Voltage (Pin 11) ............................. 12V to – 0.3V
PINV, BINH, LBIN (Pins 3, 4, 13)................20V to – 0.3V
LBOUT Output Current ........................................... 12mA
Operating Ambient Temperature Range ...... 0
°C to 70°C
Industrial Temperature Range ................ – 40
°C to 85°C
Extended Commercial
Temperature Range ........................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LTC1266CS
LTC1266CS-3.3
LTC1266CS-5
LTC1266ACS
LTC1266IS
LTC1266IS-3.3
LTC1266IS-5
LTC1266AIS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage
VIN = 9V, ILOAD = 700mA, VPINV = VPWR = 14V,
Topside Switch = N-Ch
LTC1266ACS
q
1.252
1.265
1.278
V
LTC1266CS
q
1.210
1.265
1.290
V
IFB
Feedback Current (LTC1266 Only)
q
0.2
1
µA
VOUT
Regulated Output Voltage
VIN = 9V, ILOAD = 700mA, VPINV = VPWR = 14V,
Topside Switch = N-Ch
LTC1266CS-3.3
q
3.23
3.33
3.43
V
LTC1266CS-5
q
4.90
5.05
5.20
V
Output Ripple (Burst Mode Operation)
ILOAD = 150mA
50
mVP-P
∆VOUT
Output Voltage Line Regulation
ILOAD = 50mA
VPINV = 0V, Topside Switch = P-Ch, VIN = 7V to 12V
– 40
0
40
mV
VPINV = VPWR, Topside Switch = N-Ch, VIN = 7V to 12V
– 40
0
40
mV
Output Voltage Load Regulation
5mA < ILOAD < 2A, RSENSE = 0.05Ω
LTC1266-3.3
Burst Mode Operation Enabled, VBINH = 0V
q
40
65
mV
LTC1266-3.3
Burst Mode Operation Inhibited, VBINH = 2V
q
15
25
mV
LTC1266-5
Burst Mode Operation Enabled, VBINH = 0V
q
60
100
mV
LTC1266-5
Burst Mode Operation Inhibited, VBINH = 2V
q
25
40
mV
IQ1
VIN Pin DC Supply Current (Note 3)
Normal Mode
3.5V < VIN < 18V
2.1
3.0
mA
Sleep Mode
3.5V < VIN < 18V
170
250
µA
Shutdown
VSHDN = 2.1V, 3.5V < VIN < 18V
25
50
µA
IQ2
PWR VIN DC Supply Current (Note 3)
Normal Mode
3.5V < PWR VIN < 18V
20
40
µA
Sleep Mode
3.5V < PWR VIN < 18V
1
5
µA
Shutdown
VSHDN = 2.1V, 3.5V < PWR VIN < 18V
1
5
µA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = VBINH = 0V unless otherwise noted.
TJMAX = 125°C, θJA = 110°C/ W
Consult factory for Industrial and Military grade parts.
TOP VIEW
*FIXED OUTPUT VERSIONS
S PACKAGE
16-LEAD PLASTIC SO
TDRIVE
PWR VIN
PINV
BINH
VIN
CT
ITH
SENSE–
BDRIVE
PGND
LBOUT
LBIN
SGND
SHDN
VFB (NC*)
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com