Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1283 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1283
Description  3V Single Chip 10-Bit Data Acquisition System
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1283 Datasheet(HTML) 2 Page - Linear Technology

  LTC1283_1 Datasheet HTML 1Page - Linear Technology LTC1283_1 Datasheet HTML 2Page - Linear Technology LTC1283_1 Datasheet HTML 3Page - Linear Technology LTC1283_1 Datasheet HTML 4Page - Linear Technology LTC1283_1 Datasheet HTML 5Page - Linear Technology LTC1283_1 Datasheet HTML 6Page - Linear Technology LTC1283_1 Datasheet HTML 7Page - Linear Technology LTC1283_1 Datasheet HTML 8Page - Linear Technology LTC1283_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1283
1283fb
A
G
A
U
A
R
BSOLUTEXI
TI
S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage
V – = 0V
3.0
3.6
V
V –
Negative Supply Voltage
VCC = 3.3V
– 3.6
0
V
fSCLK
Shift Clock Frequency
VCC = 3V
0
500
kHz
fACLK
A/D Clock Frequency
VCC = 3V
TA
≤ 25°C
0.01
1.00
MHz
TA
≤ 70°C
0.05
1.00
MHz
tCYC
Total Cycle Time
See Operating Sequence
10 SCLK +
Cycles
48 ACLK
thCS
Hold Time, CS Low After Last SCLK
↓
VCC = 3V
0
ns
thDI
Hold Time, DIN After SCLK
↑
VCC = 3V
200
ns
tsuCS
Setup Time CS
↓ Before Clocking in First Address Bit (Note 8)
VCC = 3V
2 ACLK Cycles
+ 1
μs
tsuDI
Setup Time, DIN Stable Before SCLK
↑
VCC = 3V
400
ns
tWHACLK
ACLK High Time
VCC = 3V
250
ns
tWLACLK
ACLK Low Time
VCC = 3V
400
ns
tWHCS
CS High Time During Conversion
VCC = 3V
44
ACLK
Cycles
LTC1283/LTC1283A
Supply Voltage (VCC) to GND or V – ......................... 12V
Voltage
Analog and Reference
Inputs ................................. (V –) –0.3V to VCC + 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Outputs ........................... –0.3V to VCC + 0.3V
Negative Supply Voltage (V–) ..................... –6V to GND
Power Dissipation .............................................. 500mW
Operating Temperature
LTC1283AC, LTC1283C ......................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Notes 1 and 2)
RECO
E DED OPERATI G CO DITIO S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1283ACN
LTC1283CN
1
2
3
4
5
6
7
8
9
10
TOP VIEW
N PACKAGE
20-LEAD PLASTIC DIP
20
19
18
17
16
15
14
13
12
11
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V –
AGND
TJ MAX = 150
°C, θJA = 100°C/W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com