Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1275BCSW Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1275BCSW
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275BCSW Datasheet(HTML) 4 Page - Linear Technology

  LTC1275BCSW Datasheet HTML 1Page - Linear Technology LTC1275BCSW Datasheet HTML 2Page - Linear Technology LTC1275BCSW Datasheet HTML 3Page - Linear Technology LTC1275BCSW Datasheet HTML 4Page - Linear Technology LTC1275BCSW Datasheet HTML 5Page - Linear Technology LTC1275BCSW Datasheet HTML 6Page - Linear Technology LTC1275BCSW Datasheet HTML 7Page - Linear Technology LTC1275BCSW Datasheet HTML 8Page - Linear Technology LTC1275BCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1273
LTC1275/LTC1276
127356fa
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
●
2.4
V
VIL
Low Level Input Voltage
VDD = 4.95V
●
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
●
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.95V
IO = – 10µA
4.7
V
IO = – 200µA
●
4.0
V
VOL
Low Level Output Voltage
VDD = 4.95V
IO = 160µA
0.05
V
IO = 1.6mA
●
0.10
0.4
V
IOZ
High Z Output Leakage D11-D0/8
VOUT = 0V to VDD, CS High
●
±10
µA
COZ
High Z Output Capacitance D11-D0/8
CS High (Note 9 )
●
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
DIGITAL I PUTS A D DIGITAL OUTPUTS The ● denotes the specifications which apply over the
full operating temperature range, otherwise specfications are at TA = 25°C. (Note 5)
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
LTC1273/LTC1276 (Notes 10, 11)
4.95
5.25
V
LTC1275 (Note 10)
4.75
5.25
V
VSS
Negative Supply Voltage
LTC1275 (Note 10)
– 2.45
– 5.25
V
LTC1276 (Notes 10, 11)
– 4.95
– 5.25
V
IDD
Positive Supply Current
●
15
25
mA
ISS
Negative Supply Current
LTC1275/LTC1276
●
0.065
0.200
mA
PD
Power Dissipation
75
mW
POWER REQUIRE E TS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specfications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
(Note 10)
Commercial
●
300
kHz
Military
●
250
kHz
tCONV
Conversion Time
Commercial
●
2.7
µs
Military
●
3.0
µs
t1
CS to RD Setup Time
●
0ns
t2
RD to BUSY Delay
CL = 50pF
80
190
ns
Commercial
●
230
ns
Military
●
270
ns
TI I G CHARACTERISTICS
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specfications are at TA = 25°C. See Timing Characteristics Figures (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com