Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS170WS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS170WS
Description  Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS170WS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS170WS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Features
Schottky diode for high-speed switching
Circuit protection
Voltage clamping
High-level detecting and mixing
Absolute Maximum Ratings Ta = 25
PARAMATER
SYMBOL
TEST CONDITION
VALUE
UNIT
Repetitive peak reverse voltage
VRM
70
V
Forward continuous current
IF
Tamb =25
70
mA
Surge forward current
IFSM
tp <1s, Tamb =25
600
mA
Power Dissipation
(1)
Ptot
Tamb =25
200
mW
Thermal resistance junction to ambient air
(1)
RèJA
650
/W
Junction temperature
Tj
150
Operating temperature range
Ramb
-55 to+125
Storage temperature range
Ts
-55 to+125
1.valid provided that electrodes are kept at ambient temperature
Electrical Characteristics Ta = 25
PARAMATER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR =10
A(Pulse)
70
V
VR =50 V
0.1
A
VR =70 V
10
A
IF = 200 mA
375
410
V
I < tief < F = 10 mA
705
750
V
Forward voltage
(1)
VF
VF = 15 mA
880
1000
mV
Capacitance
Ctot
VR =0 V, f =1 MHz
1.5
2
pF
Charge carrier lifetime
t
IF = 25 mA;
100
ps
Differential forward resistance
RF
IE =5mA;f=10 kHz
34
Note:
1.Pulse test: tp
300
s
Leakage current
Forward voltage
VF
IR
Marking
Marking
73
Schottky Diodes
BAS170WS


Similar Part No. - BAS170WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS170WS VISHAY-BAS170WS Datasheet
70Kb / 4P
Schottky Diodes
18-Nov-03
BAS170WS VISHAY-BAS170WS Datasheet
85Kb / 3P
Small Signal Schottky Diode
01-Jun-17
BAS170WS-E3-08 VISHAY-BAS170WS-E3-08 Datasheet
72Kb / 4P
Small Signal Schottky Diode
25-Feb-13
BAS170WS-E3-18 VISHAY-BAS170WS-E3-18 Datasheet
72Kb / 4P
Small Signal Schottky Diode
25-Feb-13
BAS170WS-G VISHAY-BAS170WS-G Datasheet
75Kb / 3P
Small Signal Schottky Diode
14-Oct-16
More results

Similar Description - BAS170WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com