Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1385IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1385IG
Description  3.3V Low Power EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385IG Datasheet(HTML) 2 Page - Linear Technology

  LTC1385IG Datasheet HTML 1Page - Linear Technology LTC1385IG Datasheet HTML 2Page - Linear Technology LTC1385IG Datasheet HTML 3Page - Linear Technology LTC1385IG Datasheet HTML 4Page - Linear Technology LTC1385IG Datasheet HTML 5Page - Linear Technology LTC1385IG Datasheet HTML 6Page - Linear Technology LTC1385IG Datasheet HTML 7Page - Linear Technology LTC1385IG Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1385
sn1385 1385fas
Supply Voltage (VCC) ................................................ 5V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
Digital Input ............................... – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LTC1385C ............................................. 0
°C to 70°C
LTC1385I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
q
3.7
4.5
V
Negative
q
– 3.7
– 4.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
VIN = VCC
q
5
µA
VIN = 0V
q
–20
– 40
µA
Output Short-Circuit Current
VOUT = 0V
±10
mA
Output Leakage Current
Shutdown or Driver Disable or VCC = 0V (Note 3,4),
q
±10
±500
µA
VOUT = ±20V
ABSOLUTE
AXI U
RATI GS
DC ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range. VCC = 3.3V, C1 = C2 = C3 = C4 = 0.1µF, VON/OFF = VCC, Driver Disable = VCC, unless noted.
LTC1385CG
LTC1385IG
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1385CN
LTC1385CSW
LTC1385IN
LTC1385ISW
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 135°C/W
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD SSOP
20
19
18
17
16
15
14
13
12
11
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
RX2 IN
NC
ON/OFF
VCC
GND
TR1 OUT
RX1 IN
RX1 OUT
TR1 IN
TR2 IN
RX2 OUT
NC
DRIVER
DISABLE
TJMAX = 125°C, θJA = 85°C/W
1
2
3
4
5
6
7
8
9
TOP VIEW
SW PACKAGE
18-LEAD PLASTIC SO
18
17
16
15
14
13
12
11
10
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
RX2 IN
ON/OFF
VCC
GND
TR1 OUT
RX1 IN
RX1 OUT
TR1 IN
TR2 IN
RX2 OUT
N PACKAGE
18-LEAD PDIP
DRIVER
DISABLE
PACKAGE/ORDER I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com