Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1400 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1400
Description  Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1400 Datasheet(HTML) 2 Page - Linear Technology

  LTC1400_1 Datasheet HTML 1Page - Linear Technology LTC1400_1 Datasheet HTML 2Page - Linear Technology LTC1400_1 Datasheet HTML 3Page - Linear Technology LTC1400_1 Datasheet HTML 4Page - Linear Technology LTC1400_1 Datasheet HTML 5Page - Linear Technology LTC1400_1 Datasheet HTML 6Page - Linear Technology LTC1400_1 Datasheet HTML 7Page - Linear Technology LTC1400_1 Datasheet HTML 8Page - Linear Technology LTC1400_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1400
2
1400fa
Supply Voltage (VCC) ..................................................7V
Negative Supply Voltage (VSS)..................... –6V to GND
Total Supply Voltage (VCC to VSS)
Bipolar Operation Only..........................................12V
Analog Input Voltage (Note 3)
Unipolar Operation....................–0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Digital Input Voltage (Note 4)
Unipolar Operation................................. –0.3V to 12V
Bipolar Operation.........................(VSS – 0.3V) to 12V
Digital Output Voltage
Unipolar Operation....................–0.3V to (VCC + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VCC + 0.3V)
Power Dissipation.............................................. 500mW
Operation Temperature Range
LTC1400C ................................................ 0°C to 70°C
LTC1400I ............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1, 2)
The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Positive Supply Voltage (Note 6)
Unipolar
Bipolar
4.75
4.75
5.25
5.25
V
V
VSS
Negative Supply Voltage (Note 6)
Bipolar Only
–2.45
–5.25
V
ICC
Positive Supply Current
fSAMPLE = 400ksps
Nap Mode
Sleep Mode
●
●
●
15
1.0
5.0
30
3.0
20.0
mA
mA
μA
ISS
Negative Supply Current
fSAMPLE = 400ksps, VSS = –5V
Nap Mode
Sleep Mode
●
●
●
0.3
0.2
1
0.6
0.5
5
mA
mA
μA
PD
Power Dissipation
fSAMPLE = 400ksps
Nap Mode
Sleep Mode
●
●
●
75
6
30
160
20
125
mW
mW
μW
POWER REQUIRE E TS
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
VCC
AIN
VREF
GND
VSS
CONV
CLK
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 130°C/W
ORDER PART NUMBER
S8 PART MARKING
LTC1400CS8
LTC1400IS8
1400
1400I
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The ● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 7)
4.75V ≤ VCC ≤ 5.25V (Unipolar)
4.75V ≤ VCC ≤ 5.25V, –5.25V ≤ VSS ≤ –2.45V (Bipolar)
●
●
0 to 4.096
±2.048
V
V
IIN
Analog Input Leakage Current
During Conversions (Hold Mode)
●
±1
μA
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
During Conversions (Hold Mode)
45
5
pF
pF
A ALOG I PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com