Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEE02A24 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEE02A24
Description  10 W, Single output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEE02A24 Datasheet(HTML) 1 Page - Emerson Network Power

  AEE02A24 Datasheet HTML 1Page - Emerson Network Power AEE02A24 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
10 Watts
AEE01,02
• 10 W, Single output
• 2:1 Input range
• 1.0" x 2.0" x 0.33 case
• Replaces AA10B
• Industry standard package
• Low Profile
• Low Cost
Operating base temperature range:
-25°C to +95°C
Storage temperature: -40°C to +105°C
MTBF: 3 Million Hours (Belcore TR332)
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Recognition
Input
Input range
18 to 36 VDC
36 to 72 VDC
Efficiency
79% typical (5V)
Output
Voltage tolerance
±1.0% (±2.0% for 3.3V)
Overall regulation
±1% max
Noise/ripple
1% (mV P-P)
Transient response
200 usec typical (50% step load
change to within 5%Vo)
Temperature Regulation
±0.02 %Vo/°C
Switching frequency
330kHz
Isolation
I/O isolation
500 VDC
Isolation Resistance
300 Mohms
Total Power:
10 Watts
Input Voltages:
48V, 24V
No. of Outputs:
Single
Environmental
Safety


Similar Part No. - AEE02A24

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE02A24 ASTEC-AEE02A24 Datasheet
134Kb / 2P
10 Watts
AEE02A24 ASTEC-AEE02A24 Datasheet
134Kb / 2P
Industry standard package
logo
Artesyn Technologies
AEE02A24-M ARTESYN-AEE02A24-M Datasheet
1Mb / 2P
4200 VAC reinforced Insulation
More results

Similar Description - AEE02A24

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PB42WG-123R3E21 PEAK-PB42WG-123R3E21 Datasheet
210Kb / 2P
1.5 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
PB42WG-123R3E21H30 PEAK-PB42WG-123R3E21H30 Datasheet
210Kb / 2P
3 KVDC ISOLATED 10 W REGULATED SINGLE OUTPUT
logo
Recom International Pow...
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
10 Watt Single & Dual Output
RAC10-3.3SB RECOM-RAC10-3.3SB Datasheet
83Kb / 2P
10 Watt Single Output
logo
Emerson Network Power
AEE04 EMERSON-NETWORKPOWER-AEE04 Datasheet
114Kb / 2P
15 W, Single, Dual output
logo
SL Power Electronics
MINT1045 SLPOWER-MINT1045 Datasheet
522Kb / 3P
45 W Single Output Series
logo
Recom International Pow...
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
10 Watt Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
10 Watt Single & Dual Output
logo
Artesyn Technologies
NLP250N-99S12J ARTESYN-NLP250N-99S12J Datasheet
650Kb / 4P
Single Output 250 W
logo
Recom International Pow...
RAC10-SB RECOM-RAC10-SB Datasheet
95Kb / 2P
10 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com