Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEH25 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEH25
Description  Ultra High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEH25 Datasheet(HTML) 2 Page - Emerson Network Power

  AEH25 Datasheet HTML 1Page - Emerson Network Power AEH25 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage / Current
36V to 75V
12V @ 25A
93%
AEH25B48(N)-(5)(6)(T)
OPTION:
suffix “N”
= Negative Enable
non suffix “N”
= Positive Enable (default)
suffix “-6”
= 3.7mm pin length
suffix “-5”
= 4.5mm pin length
default pin length
= 5mm nominal pin length
suffix “T”
= “Tuned” version for slow start up time
Typical efficiency measurement taken at nominal line, full load, 25°C ambient.
1 +Vi
n
1.90
[48.3]
1.50
[38.1]
1.20
[30.4]
0.90
[22.8]
1.90
[48.3]
1.50
[38.2]
1.20
[30.5]
0.90
[22.9]
5
4
2 Enabl
e (On/Of
f
)
9 +Out
put
M ECHANI
CAL TOLERANCE ± .
002(0.
5)
PI
N PLACEM ENT TOLERANCE :± 0.
005(0.
127)
ALL DI
M ENSI
ONS ARE I
N I
NCHES (MI
LLI
M ETERS)
PI
N SI
DE UP
3
2
1
7
6
9
3 CASE
7 Tri
m
8 + Sense
6 -Sense
5 -Out
put
NOTES:
4 -Vi
n
PI
N ASSI
GNM ENT
0.04Ø
[2.0Ø]2 PLACES
PI
N SI
DE DOW N
1.90
[48.3]
1.90
[48.3]
2.30
[58.4]
0.50
[12.7]
0.20
[5.1]
0.20
[5.1]
-Vi
n
+Vi
n
0.50
[12.7]
M3 X0.5 M OUNTI
NG HOLE
0.50
[12.7]
4 PLACES
2.40
[61.0]
2.00
[50.8]
-Out
put
+Out
put
SI
DE VI
EW
0.46
[11.8]
0.08Ø
0.20
[5.2]
[1.0Ø]7 PLACES
Pin Assignments
Single Output
1. +Vin
2. Enable (On/Off)
3. Case (AEH)
4. -Vin
5. - Output
6. - Sense
7. Trim
8. + Sense
9. + Output
Notes:
1. 20 MHz BW with external 10uF/25V tantalum in
parallel with 0.1uF/50V X7R ceramic capacitor
placed across the output.
2. Requires a 2.2 uf, 100V film capacitor
connected between +V in and -V in to meet
FCC class A and ETS300-386-1 requirements
for conducted noise. Consult Factory for filtering
information to meet FCC class B, VDE or EIC
specifications.
3. All specifications are typical at nominal line, full
load, and 25°C unless otherwise noted.
4. All specifications subject to change without
notice. Mechanical drawings are for reference
only
5. Technical Reference Notes should be consulted
for detailed information when available
6. Warranty: 1yr
* Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV06: JANUARY 26, 2006)
PIN LENGTH OPTION
“-5”: 4.5mm nom
“-6”: 3.7mm nom
default is 5mm nom
see A
NOTE:
All dimensions are in Inches [millimeters]
Pin Placement Tolerance: ± 0.005 [0.127]
Mechanical Tolerance: ± 0.002 [0.5]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com