Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1419ACSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1419ACSW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419ACSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1419ACSW Datasheet HTML 12Page - Linear Technology LTC1419ACSW Datasheet HTML 13Page - Linear Technology LTC1419ACSW Datasheet HTML 14Page - Linear Technology LTC1419ACSW Datasheet HTML 15Page - Linear Technology LTC1419ACSW Datasheet HTML 16Page - Linear Technology LTC1419ACSW Datasheet HTML 17Page - Linear Technology LTC1419ACSW Datasheet HTML 18Page - Linear Technology LTC1419ACSW Datasheet HTML 19Page - Linear Technology LTC1419ACSW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1419
1419fb
APPLICATIONS INFORMATION
DIGITAL INTERFACE
The A/D converter is designed to interface with micropro-
cessors as a memory mapped device. The CS and RD
control inputs are common to all peripheral memory
interfacing. A separate CONVST is used to initiate a
conversion.
Internal Clock
The A/D converter has an internal clock that eliminates the
need of synchronization between the external clock and
the CS and RD signals found in other ADCs. The internal
clock is factory trimmed to achieve a typical conversion
time of 0.95
µs and a maximum conversion time over the
full operating temperature range of 1.15
µs. No external
adjustments are required. The guaranteed maximum
acquisition time is 300ns. In addition, a throughput time of
1.25
µs and a minimum sampling rate of 800ksps are
guaranteed.
Power Shutdown
The LTC1419 provides two power shutdown modes, nap
and sleep, to save power during inactive periods. The nap
t3
CS
SHDN
1419 F14a
Figure 14a. CS to SHDN Timing
mode reduces the power by 95% and leaves only the
digital logic and reference powered up. The wake-up time
from nap to active is 400ns. In sleep mode, the reference
is shut down and only a small current remains, about
250
µA. Wake-up time from sleep mode is much slower
since the reference circuit must power up and settle to
0.005% for full 14-bit accuracy. Sleep mode wake-up
time is dependent on the value of the capacitor connected
to the REFCOMP (Pin 4). The wake-up time is 10ms with
the recommended 10
µF capacitor. Shutdown is con-
trolled by Pin 21 (SHDN); the ADC is in shutdown when it
is low. The shutdown mode is selected with Pin 20 (CS);
low selects nap.
Figure 13d. Suggested Evaluation Circuit Board—Solder Side Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com