Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1446 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1446
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1446 Datasheet(HTML) 2 Page - Linear Technology

  LTC1446_1 Datasheet HTML 1Page - Linear Technology LTC1446_1 Datasheet HTML 2Page - Linear Technology LTC1446_1 Datasheet HTML 3Page - Linear Technology LTC1446_1 Datasheet HTML 4Page - Linear Technology LTC1446_1 Datasheet HTML 5Page - Linear Technology LTC1446_1 Datasheet HTML 6Page - Linear Technology LTC1446_1 Datasheet HTML 7Page - Linear Technology LTC1446_1 Datasheet HTML 8Page - Linear Technology LTC1446_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1446/LTC1446L
A
G
A
U
A
R
BSOLUTEXI
TI
S
VCC to GND ................................................ –0.5 to 7.5V
Logic Inputs to GND ................................... –0.5 to 7.5V
Operating Temperature Range
LTC1446C/LTC1446LC ............................ 0
°C to 70°C
LTC1446I/LTC1446LI .......................... –40
°C to 85°C
VOUT A/VOUT B ................................. –0.5V to VCC + 0.5V
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1446CS8
LTC1446IS8
LTC1446LCS8
LTC1446LIS8
S8 PART MARKING
1446
1446L
1446I
1446LI
ORDER PART
NUMBER
LTC1446CN8
LTC1446IN8
LTC1446LCN8
LTC1446LIN8
TJMAX = 125°C, θJA = 100°C/W
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VOUT B
VCC
GND
VOUT A
CLK
DIN
CS/LD
DOUT
N8 PACKAGE
8-LEAD PDIP
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS
1
2
3
4
8
7
6
5
TOP VIEW
VOUT B
VCC
GND
VOUT A
CLK
DIN
CS/LD
DOUT
S8 PACKAGE
8-LEAD PLASTIC SO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
12
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
q
±0.2
±0.5
LSB
INL
Integral Nonlinearity
TA = 25°C
±2.0
4.5
LSB
q
±2.5
5.0
LSB
ZSE
Zero-Scale Error
q
03
18
mV
VOS
Offset Error
q
±2
±18
mV
VOS TC
Offset Error Tempco
±15
µV/°C
VFS
Full-Scale Voltage
LTC1446, TA = 25°C
4.065
4.095
4.125
V
LTC1446
q
4.045
4.095
4.145
V
LTC1446L, TA = 25°C
2.470
2.500
2.530
V
LTC1446L
q
2.460
2.500
2.540
V
VFS TC
Full-Scale Voltage Tempco
±0.1
LSB/
°C
Power Supply (LTC1446)
VCC
Positive Supply Voltage
For Specified Performance
q
4.5
5.5
V
ICC
Supply Current
4.5V
≤ VCC ≤ 5.5V (Note 5)
q
1000
1500
µA
Power Supply (LTC1446L)
VCC
Positive Supply Voltage
For Specified Performance
q
2.7
5.5
V
ICC
Supply Current
2.7V
≤ VCC ≤ 5.5V (Note 5)
q
650
1000
µA
The q denotes the specifications which apply over the full operating
temperature range. VCC = 4.5V to 5.5V (LTC1446), 2.7V to 5.5V (LTC1446L), VOUT A and VOUT B unloaded, TA = TMIN to TMAX, unless
otherwise noted.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com