Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1446CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1446CS8
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1446CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1446CS8 Datasheet HTML 4Page - Linear Technology LTC1446CS8 Datasheet HTML 5Page - Linear Technology LTC1446CS8 Datasheet HTML 6Page - Linear Technology LTC1446CS8 Datasheet HTML 7Page - Linear Technology LTC1446CS8 Datasheet HTML 8Page - Linear Technology LTC1446CS8 Datasheet HTML 9Page - Linear Technology LTC1446CS8 Datasheet HTML 10Page - Linear Technology LTC1446CS8 Datasheet HTML 11Page - Linear Technology LTC1446CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1446/LTC1446L
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. Data is loaded as one 24-
bit word where the first 12 bits are for DAC A and the
second 12 are for DAC B. For each 12-bit segment the MSB
is loaded first. Data from the shift register is loaded into the
DAC register when CS/LD is pulled high. The clock is
disabled internally when CS/LD is high. Note: CLK must be
low before CS/LD is pulled low to avoid an extra internal
clock pulse.
The buffered output of the 24-bit shift register is available
on the DOUT pin which swings from GND to VCC.
Multiple LTC1446/LTC1446L’s may be daisy-chained to-
gether by connecting the DOUT pin to the DIN pin of the next
chip, while the clock and CS/LD signals remain common
to all chips in the daisy chain. The serial data is clocked to
all of the chips, then the CS/LD signal is pulled high to
update all of them simultaneously.
OPERATIO
Voltage Output
The LTC1446/LTC1446L include an internal voltage refer-
ence which is connected to each DAC. The LTC1446 has a
full scale of 4.095V making 1LSB equal to 1mV. The
LTC1446L has a full scale of 2.5V making 1LSB equal to
0.61mV.
The LTC1446/LTC1446L rail-to-rail buffered outputs can
source or sink 5mA when operating with a 5V supply while
pulling to within 300mV of the positive supply voltage or
ground. The outputs swing to within a few millivolts of
either supply rail when unloaded and have an equivalent
output resistance of 40
Ω when driving a load to the rails.
The buffer amplifiers can drive 1000pF without going into
oscillation. The output noise spectral density is
600nV/
√Hz at 1kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com