Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEQ15 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEQ15
Description  High Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEQ15 Datasheet(HTML) 2 Page - Emerson Network Power

  AEQ15 Datasheet HTML 1Page - Emerson Network Power AEQ15 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Ordering Information
Pin Assignments
Input
Output
Maximum
Model Number
Voltage
Voltage
Load Current*
48V
5V / 3.3V
12A/15A
AEQ15AF48
48V
5V / 3.3V
12A/15A
AEQ15AF48-6
48V
5V / 3.3V
12A/15A
AEQ15AF48N
48V
5V / 3.3V
12A/15A
AEQ15AF48N-6
* Total power both outputs combined not to exceed 60Watts.
Enable Function
"N" = negative logic enable
without "N" = positive enable
Pin Length
without “-6” = 5mm (default standard)
“-6” = 3.7mm (nom);
For other Dual Ouput Open-Frame Quarter Brick series, please refer to the ALQ15 data sheet.
Dual Output
1. +Vin
2. Enable
3. -Vin
4. Vo2
5. Rtn
6. Trim
7. Vo1
Notes:
1. 20 mHz bandwidth. External 10 uF tant. capacitor + 0.1 uF
cer. capacitor placed from +V out to -V out.
2. Requires a 2.2 mf, 100V film capacitor connected between
+V in and -V in to meet FCC class A and ETS300-386-1
requirements for conducted noise. Consult Factory for
filtering information to meet FCC class B, VDE or EIC
specifications.
3. All specifications are typical at nominal line, full load, and
25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only
5. Technical Reference Notes should be consulted for
detailed information when available
6. Warranty: 1yr
REV01: SEPTEMBER 26, 2002
Dimensions in / [mm]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com