Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1470 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1470
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470 Datasheet(HTML) 2 Page - Linear Technology

  LTC1470_1 Datasheet HTML 1Page - Linear Technology LTC1470_1 Datasheet HTML 2Page - Linear Technology LTC1470_1 Datasheet HTML 3Page - Linear Technology LTC1470_1 Datasheet HTML 4Page - Linear Technology LTC1470_1 Datasheet HTML 5Page - Linear Technology LTC1470_1 Datasheet HTML 6Page - Linear Technology LTC1470_1 Datasheet HTML 7Page - Linear Technology LTC1470_1 Datasheet HTML 8Page - Linear Technology LTC1470_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1470/LTC1471
14701fa
ABSOLUTE MAXIMUM RATINGS
3.3V Supply Voltage (3VIN) (Note 2)........................ 7V
5V Supply Voltage (5VIN) (Note 2)............................ 7V
Enable Input Voltage ..................... 5VIN to (GND – 0.3V)
Output Voltage (OFF) (Note 2) ......... 7V to (GND – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature
LTC1470C .............................................. 0
°C to 70°C
LTC1470E (Note 7) ............................. –40
°C to 85°C
Junction Temperature .......................................... 100
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1471CS
1470
1470E
S8 PART MARKING
ORDER PART
NUMBER
TJMAX = 100°C, θJA = 100°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3VIN
3.3V Supply Voltage Range
2.70
3.60
V
5VIN
5V Supply Voltage Range
4.75
5.25
V
I3VIN
3.3V Supply Current
Program to Hi-Z (Note 4)
●
0.01
10
µA
Program to 3.3V, No Load (Note 4)
●
40
80
µA
Program to 5V, No Load (Note 4)
●
0.01
10
µA
I5VIN
5V Supply Current
Program to Hi-Z (Note 4)
●
0.01
10
µA
Program to 3.3V (Note 4)
●
100
160
µA
Program to 5V (Note 4)
●
140
200
µA
RON
3.3V Switch ON Resistance
Program to 3.3V, IOUT = 500mA
0.12
0.16
Ω
5V Switch ON Resistance
Program to 5V, IOUT = 500mA
0.14
0.18
Ω
ILKG
Output Leakage Current OFF
Program to Hi-Z, 0V
≤ VOUT ≤ 5V (Note 4)
●
±10
µA
ILIM3V
3.3V Current Limit
Program to 3.3V, VOUT = 0V (Note 5)
1
A
ILIM5V
5V Current Limit
Program to 5V, VOUT = 0V (Note 5)
1
A
VENH
Enable Input High Voltage
●
2.0
V
VENL
Enable Input Low Voltage
●
0.8
V
IEN
Enable Input Current
0V
≤ VEN ≤ 5V
±1
µA
ELECTRICAL CHARACTERISTICS
LTC1470CS8
LTC1470ES8
TJMAX = 100°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUT
3VIN
3VIN
GND
OUT
5VIN
EN1
EN0
S8 PACKAGE
8-LEAD PLASTIC SO
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AOUT
A5VIN
AEN1
AEN0
GND
B3VIN
B3VIN
BOUT
AOUT
A3VIN
A3VIN
GND
BEN0
BEN1
B5VIN
BOUT
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 3VIN = 3.3V, 5VIN = 5V (Note 3), unless otherwise noted.
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com