Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150233 Datasheet(PDF) 6 Page - Linear Technology

Part # 150233
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

150233 Datasheet(HTML) 6 Page - Linear Technology

  150233 Datasheet HTML 1Page - Linear Technology 150233 Datasheet HTML 2Page - Linear Technology 150233 Datasheet HTML 3Page - Linear Technology 150233 Datasheet HTML 4Page - Linear Technology 150233 Datasheet HTML 5Page - Linear Technology 150233 Datasheet HTML 6Page - Linear Technology 150233 Datasheet HTML 7Page - Linear Technology 150233 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1502-3.3
APPLICATIONS INFORMATION
1
2
3
1502-3.3 F01
4
VCTRL
ON OFF
8
7
100
6
5
VIN
GND
10
µF
LTC1502-3.3
C2
C1+
C1/SHDN
VOUT
C3+
C3
Figure 1. Pull-Down Circuitry for Shutdown
will force a logic high on the C1/SHDN pin and put the part
back into active mode. If no external pull-down is present
during the Hi-Z interval, the internal pull-up current will
maintain a logic high on the C1/SHDN pin thereby keep-
ing the part in active mode.
The shutdown feature can be used to prevent charge pump
switching during noise sensitive intervals. Since the charge
pump oscillator is disabled during shutdown, output switch-
ing noise can be eliminated while the external pull-down is
active. The LTC1502-3.3 takes between 20
µs and 50µs to
switch from shutdown to active mode once the pull-down
device has been turned off (assuming a 100pF external
capacitance to GND on the C1/SHDN pin). A 100k pull-up
resistor from VIN to C1/SHDN will speed up this transition
by a factor of five at the expense of 10
µA or so of additional
shutdown current. To maintain regulation, a sufficiently
large output capacitor must be used to prevent excessive
VOUT droop while the charge pump is in shutdown. Also,
there must be adequate time for the charge pump to
recharge the output capacitor while the part is active. In
other words, the average load current must be low enough
for the LTC1502-3.3 to maintain a 3.3V output while the
part is active.
Capacitor Selection
For best performance, it is recommended that low ESR
capacitors be used for CIN, C2 and COUT to reduce noise
and ripple. The CIN, C2 and COUT capacitors should be
either ceramic or tantalum and should be 10
µF or greater.
If the input source impedance is very low (< 0.5
Ω), CIN
may not be needed. Ceramic capacitors are recommended
for the flying capacitors C1 and C3 with values of 0.47
µF
to 2.2
µF. Smaller values may be used in low output current
applications (e.g., IOUT < 1mA).
Output Ripple
Normal LTC1502-3.3 operation produces voltage ripple
on the VOUT pin. Output voltage ripple is required for
regulation. Low frequency ripple exists due to the hyster-
esis in the sense comparator and propagation
delays in the charge pump enable/disable circuits. High
frequency ripple is also present mainly from the ESR
(equivalent series resistance) in the output capacitor. Typi-
cal output ripple (VIN = 1.25V) under maximum load is
50mV peak-to-peak with a low ESR 10
µF output capacitor.
The magnitude of the ripple voltage depends on several
factors. High input voltages increase the output ripple
since more charge is delivered to COUT per charging cycle.
Large output current load and/or a small output capacitor
(<10
µF) results in higher ripple due to higher output
voltage dV/dt. High ESR capacitors (ESR > 0.5
Ω) on the
output pin cause high frequency voltage spikes on VOUT
with every clock cycle.
There are several ways to reduce the output voltage ripple.
A larger COUT capacitor (22µF or greater) will reduce both
the low and high frequency ripple due to the lower COUT
charging and discharging dV/dt and the lower ESR typi-
cally found with higher value (larger case size) capacitors.
A low ESR ceramic output capacitor will minimize the high
frequency ripple, but will not reduce the low frequency
ripple unless a high capacitance value is chosen. A reason-
able compromise is to use a 10
µF to 22µF tantalum
capacitor in parallel with a 1
µF to 3.3µF ceramic capacitor
on VOUT to reduce both the low and high frequency ripple.
An RC filter may also be used to reduce high frequency
voltage spikes (see Figure 2).
LTC1502-3.3
10
µF
TANTALUM
VOUT
VOUT
VOUT
1
µF
CERAMIC
2
8
8
10
µF10µF
VOUT
1502-3.3 F02
+
+
+
LTC1502-3.3
Figure 2. Output Ripple Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com