Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEV Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEV
Description  Standard Pinout - Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEV Datasheet(HTML) 1 Page - Emerson Network Power

  AEV Datasheet HTML 1Page - Emerson Network Power AEV Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
25 Watts
AEV
• Ideal for telecom/networking
applications
• Standard Pinout - Low Profile
• Unencapsulated 2.0” x 2.5” x 0.33” package.
• 90°C Baseplate temperature
• Enable (on/off)
• 330kHz Switching frequency
• Under voltage lockout, OVP, OCP
Input
Input range
18-36 Vdc (24 Vdc nominal)
36 - 72Vdc (48Vdc nominal)
Input reverse voltage
protection
Fuse recommended
Input surge voltage
100V for 100mS (48V)
50V for 100mS (24V)
Undervoltage lockout
Vin<30-36V (48V)
Vin<14-18V (24V)
Efficiency
83% typical (5Vout)
Output
Voltage tolerance
±1.0%
Line regulation
±0.1%
Load regulation
±0.5%
Noise/ripple
75mV P-P
Short circuit protection
Continuous power cycle
Overvoltage protection
36V to 42V (24Vin)
72V to 82V (48Vin)
Transient response
4% Vo typ; recovery <200msec typ
(25% step load change)
Temperature coefficient
±0.02%Vo/°C
Switching frequency
330kHz
Control
Enable
on = >7.0Vdc
off = >3.5Vdc
See TRN
Enable current
0.6ma max.
Output trim
90% to 110% Vo
Isolation
I/O isolation
500Vdc
Environmental
Total Power:
25 Watts
Input Voltages:
24V or 48V
No. of Outputs:
Single, Dual
Operation case temperature range: -25°C to +90°C
Storage temperature: -40°C to +105°C
MTBF > 2 Million Hours (Bellcore TR332)
Safety
UL
UL1950
CAN
CAN22.2-950
TUV
EN60950
CE
CE Mark
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
72
W9959_02_DCDC_001-073_73
2/8/02
3:56 PM
Page 72


Similar Part No. - AEV

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEV ASTEC-AEV Datasheet
1Mb / 2P
Standard Pinout - Low Profile
logo
M-System Co.,Ltd.
AEV MSYSTEM-AEV Datasheet
163Kb / 5P
Limit Alarms (with DC output) AE-UNIT
logo
AAEON Technology
AEV-6312 AAEON-AEV-6312 Datasheet
292Kb / 2P
In-Vehicle Embedded Controller With Intel Atom D510 Processor
AEV-6356 AAEON-AEV-6356 Datasheet
359Kb / 2P
Intel짰 Core??i7-3517UE or Celeron짰 847E Onboard
AEV-6356-A1 AAEON-AEV-6356-A1 Datasheet
359Kb / 2P
Intel짰 Core??i7-3517UE or Celeron짰 847E Onboard
More results

Similar Description - AEV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
Industry-standard pinout
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
Industry-standard pinout
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
Industry Standard Pinout
logo
Texas Instruments
UCC27524D TI1-UCC27524D Datasheet
2Mb / 43P
Industry-Standard Pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
Industry Standard Pinout
IST XPPOWER-IST Datasheet
210Kb / 1P
Industry Standard Pinout
logo
Astec America, Inc
AEV ASTEC-AEV Datasheet
1Mb / 2P
Standard Pinout - Low Profile
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
Industry Standard Pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
industry standard pinout
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
Industry-Standard Pinout
2016-12-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com