Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEV01CC24 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEV01CC24
Description  Standard Pinout - Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEV01CC24 Datasheet(HTML) 2 Page - Emerson Network Power

  AEV01CC24 Datasheet HTML 1Page - Emerson Network Power AEV01CC24 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Efficiency
Model Number
VDC
Voltage
Voltage
18-36 V
3.3V @ 5.0A
80%
AEV05F24
18-36 V
5.0V @ 4.0A
83%
AEV04A24
18-36 V
12.0V @ 2.1A
85%
AEV02B24
18-36 V
15.0V @ 1.7A
86%
AEV02C24
36-72 V
3.3V @ 5.0A
80%
AEV05F48
36-72 V
5.0V @ 4.0A
83%
AEV04A48
36-72 V
6.0V @ 4.1A
86%
AEV04N48
36-72 V
12.0V @ 2.1A
86%
AEV02B48
36-72 V
15.0V @ 1.7A
86%
AEV02C48
18-36 V
+5.0V @ 2.0A
-5.0V @ 2.0A
83%
AEV02AA24
18-36 V
+12.0V @ 1.05A
-12.0V @ 1.05A
86%
AEV01BB24
18-36 V
+15.0V @ 0.85A
-15.0V @ 0.85A
86%
AEV01CC24
36-72 V
+5.0V @ 2.0A
-5.0V @ 2.0A
83%
AEV01AA48
36-72 V
+12.0V @ 1.05A
-12.0V @ 1.05A
86%
AEV01BB48
36-72 V
+15.0V @ 0.85A
-15.0V @ 0.85A
86%
AEV01CC48
Notes:
1. 20 MHz bandwidth. An external 2.2mf ceramic
capacitor is recommended to be placed from +V out
to -V out.
2. Consult Technical Reference Notes for Recommended
Input/Output Filtering
3. All specifications are typical at nominal line, full load,
and 25° C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
Single output
73
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:56 PM
Page 73



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com