Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1518IS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1518IS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518IS Datasheet(HTML) 2 Page - Linear Technology

  LTC1518IS Datasheet HTML 1Page - Linear Technology LTC1518IS Datasheet HTML 2Page - Linear Technology LTC1518IS Datasheet HTML 3Page - Linear Technology LTC1518IS Datasheet HTML 4Page - Linear Technology LTC1518IS Datasheet HTML 5Page - Linear Technology LTC1518IS Datasheet HTML 6Page - Linear Technology LTC1518IS Datasheet HTML 7Page - Linear Technology LTC1518IS Datasheet HTML 8Page - Linear Technology LTC1518IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1518/LTC1519
(Note 1)
Supply Voltage ....................................................... 10V
Digital Input Currents ..................... – 100mA to 100mA
Digital Input Voltages ............................... – 0.5V to 10V
Receiver Input Voltages ........................................
±14V
Receiver Output Voltages ............. – 0.5V to VDD + 0.5V
Receiver Input Differential ....................................... 10V
Short-Circuit Duration .................................... Indefinite
Operating Temperature Range
LTC1518C/LTC1519C ............................. 0
°C to 70°C
LTC1518I/LTC1519I .......................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
TJMAX = 150°C, θJA = 90°C/ W
Consult factory for Military grade parts.
ORDER PART
NUMBER
LTC1518CS
LTC1518IS
ORDER PART
NUMBER
LTC1519CS
LTC1519IS
TJMAX = 150°C, θJA = 90°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM
Input Common Mode Voltage
A, B Inputs
q
–7
12
V
VIH
Input High Voltage
EN, EN, EN12, EN34
q
2V
VIL
Input Low Voltage
EN, EN, EN12, EN34
q
0.8
V
IIN1
Input Current
EN, EN, EN12, EN34
q
–1
1
µA
IIN2
Input Current (A, B)
VA, VB = 12V
q
500
µA
VA, VB = – 7V
q
– 500
µA
RIN
Input Resistance
– 7V
≤ VCM ≤ 12V (Figure 5)
q
22
k
Ω
CIN
Input Capacitance
(Note 4)
3
pF
VOC
Open-Circuit Input Voltage
VDD = 5V (Note 4) (Figure 5)
q
3.2
3.3
3.4
V
VID(MIN)
Differential Input Threshold Voltage
– 7V
≤ VCM ≤ 12V
q
– 0.3
0.3
V
dVID
Input Hysteresis
VCM = 2.5V
25
mV
VOH
Output High Voltage
IOUT = – 4mA, VID = 0.3V, VDD = 5V
q
4.6
V
VOL
Output Low Voltage
IOUT = 4mA, VID = – 0.3V, VDD = 5V
q
0.4
V
IOZR
Three-State Output Current
0V < VOUT < 5V
q
–10
10
µA
IDD
Total Supply Current All 4 Receivers
VID > 0.3V, No Load, Device Enabled q
12
20
mA
IOSR
Short-Circuit Current
VOUT = 0V, VOUT = 5V (Note 7)
q
–50
50
mA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V ±5% (Notes 2, 3) per receiver, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B1
A1
OUT 1
EN
OUT 2
A2
B2
GND
VDD
B4
A4
OUT 4
EN
OUT 3
A3
B3
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B1
A1
OUT 1
EN12
OUT 2
A2
B2
GND
VDD
B4
A4
OUT 4
EN34
OUT 3
A3
B3
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com