Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1519CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1519CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1519CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1519CS Datasheet HTML 2Page - Linear Technology LTC1519CS Datasheet HTML 3Page - Linear Technology LTC1519CS Datasheet HTML 4Page - Linear Technology LTC1519CS Datasheet HTML 5Page - Linear Technology LTC1519CS Datasheet HTML 6Page - Linear Technology LTC1519CS Datasheet HTML 7Page - Linear Technology LTC1519CS Datasheet HTML 8Page - Linear Technology LTC1519CS Datasheet HTML 9Page - Linear Technology LTC1519CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1518/LTC1519
tr = tf ≤ 3ns for all input and enable signals.
Figure 1. Propagation Delay Test Circuit and Waveforms
Figure 2. Receiver Enable and Disable Timing Test Circuit
and Waveforms
Figure 4. Package-to-Package Propagation Delay Skew
Figure 3. Any Channel to Any Channel Skew, Same Package
SWITCHI G TI E WAVEFOR S
2.5V
2.5V
VDD/2
VDD/2
4V
1V
INPUT
OUTPUT
tPLH
tPHL
1518/19 F01
–
+
INPUT
2.5V
OUTPUT
15pF
1518/19 F01b
1/4
LTC1518
LTC1519
1.5V
2.5V
2.5V
CL
1k
1k
S1
S2
tZH
tZL
1.5V
tLZ
0.2V
0.2V
tHZ
VDD
OUTPUT
NORMALLY LOW
OUTPUT
NORMALLY HIGH
0V
3V
ENABLE
5V
VOL
VOH
0V
RECEIVER
OUTPUT
OUT 1
OUT 1
1518/19 F02
VDD/2
VDD/2
VDD/2
VDD/2
4V
B1, B2 = 2.5V
1V
CH1 OUT
INPUT
A1, A2
CH2 OUT
tCH-CH
tCH-CH
1518/19 F03
SAME INPUT FOR BOTH PACKAGES
INPUT
A1, B1
VID = 1.5V
PACKAGE 1
OUT 1
1518/19 F04
tPKG-PKG
tPKG-PKG
PACKAGE 2
OUT 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com