Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1535 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 2 Page - Linear Technology

  LTC1535_1 Datasheet HTML 1Page - Linear Technology LTC1535_1 Datasheet HTML 2Page - Linear Technology LTC1535_1 Datasheet HTML 3Page - Linear Technology LTC1535_1 Datasheet HTML 4Page - Linear Technology LTC1535_1 Datasheet HTML 5Page - Linear Technology LTC1535_1 Datasheet HTML 6Page - Linear Technology LTC1535_1 Datasheet HTML 7Page - Linear Technology LTC1535_1 Datasheet HTML 8Page - Linear Technology LTC1535_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1535
1535fa
ORDER PART
NUMBER
LTC1535CSW
LTC1535ISW
TJMAX = 125°C, θJA = 125°C/W
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VCC2 = 5V unless otherwise noted.
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Range
q
4.5
5.5
V
VCC2
VCC2 Supply Range
q
4.5
7.5
V
ICC
VCC Supply Current
Transformer Not Driven (Note 10)
q
13
28
mA
ICC2
VCC2 Supply Current
R = 27
Ω, Figure 2
q
63
73
mA
No Load
q
712
mA
VOD1
Differential Driver Output
No Load
q
5V
VOD2
Differential Driver Output
R = 50
Ω (RS422) (Note 2), VCC2 = 4.5V
q
2V
R = 27
Ω(RS485), Figure 2, VCC2 = 4.5V
q
1.5
2
V
VOC
Driver Output Common Mode Voltage
DC Level, R = 50
Ω, Figure 2
q
2.0
2.5
3.0
V
IOSD1
Driver Short-Circuit Current
Driver Enabled (DE = 1)
VOUT = HIGH
–7V
≤ VCM ≤ 10V
q
60
100
150
mA
VOUT = LOW
–7V
≤ VCM ≤ 10V
q
60
100
150
mA
VIH
Logic Input High Voltage
DE, DI, RE
q
2
1.7
V
SLO
q
4
2.2
V
VIL
Logic Input Low Voltage
DE, DI, RE
q
1.7
0.8
V
SLO
q
1.8
1
V
IIN
Input Current (A, B)
(Note 3)
VIN = 12V
q
0.25
mA
VIN = – 7V q
–0.20
mA
VTH
Receiver Input Threshold
–7V
≤ VCM ≤ 12V, (Note 4)
q
–200
–90
–10
mV
∆VTH
Receiver Input Hysteresis
–7V
≤ VCM ≤ 12V
0
°C ≤ TA ≤ 0°C
q
10
30
70
mV
–40
°C ≤ TA ≤ 85°C q
530
70
mV
RIN
Receiver Input Impedance
q
50
68
100
k
Ω
1
2
3
4
11
12
13
14
28
27
26
25
18
17
16
15
VCC
ST1
ST2
GND
GND2
Z
Y
VCC2
RO
RE
DE
DI
SLO
RO2
A
B
SW PACKAGE
28-LEAD PLASTIC SO
TOP VIEW
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
VCC to GND ................................................................ 6V
VCC2 to GND2 ............................................................ 8V
Control Input Voltage to GND ...... – 0.3V to (VCC + 0.3V)
Driver Input Voltage to GND ........ – 0.3V to (VCC + 0.3V)
Driver Output Voltage
(Driver Disabled) to GND2 .............. (VCC2 – 13V) to 13V
Driver Output Voltage
(Driver Enabled) to GND2 ............... (VCC2 – 13V) to 10V
Receiver Input Voltage to GND2 ............................
±14V
Receiver Output Voltage .............. – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC1535C ........................................ 0
°C ≤ TA ≤ 70°C
LTC1535I ..................................... – 40
°C ≤ TA ≤ 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com