Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCSS1100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCSS1100
Description  Transmissive Optical Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCSS1100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCSS1100 Datasheet HTML 1Page - Vishay Siliconix TCSS1100 Datasheet HTML 2Page - Vishay Siliconix TCSS1100 Datasheet HTML 3Page - Vishay Siliconix TCSS1100 Datasheet HTML 4Page - Vishay Siliconix TCSS1100 Datasheet HTML 5Page - Vishay Siliconix TCSS1100 Datasheet HTML 6Page - Vishay Siliconix TCSS1100 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCSS1100/ TCSS2100
Vishay Telefunken
www.vishay.com
2 (7)
Rev. A4, 08–Jun–99
Document Number 83761
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10ms
IFSM
3
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
100
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Supply voltages
VS1
6.5
V
VS2
18
V
Output current
IO
20
mA
Power dissipation
Tamb ≤ 25°C
PV
250
mW
Junction temperature
Tj
100
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Ambient temperature range
Tamb
–25 to +85
°C
Storage temperature range
Tstg
–40 to +100
°C
Soldering temperature
2 mm from case, t
≤ 5 s
Tsd
260
°C
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
VS1
4.75
5.25
V
VS2
4.0
16
V
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
VS1 = 16 V
IS1
3
5
mA
Output current
VS1 = VS2 = 16 V, IF = 0
IOH
1
mA
Input threshold current VS1 = 5 V
IFT
5
10
mA
Hysteresis
VS1 = 5 V
IFoff/IFon
80
%
Output voltage
IOL = 16 mA, IF ≥ ITF, VS1 = 5 V
VOL
0.15
0.4
V
Switching frequency
IF 3x IFT, VS1 = VS2 = 5 V,
RL = 1 kW
fsw
200
kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com