Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST1000
Description  Transmissive Optical Sensor without Aperture
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST1000 Datasheet HTML 1Page - Vishay Siliconix TCST1000 Datasheet HTML 2Page - Vishay Siliconix TCST1000 Datasheet HTML 3Page - Vishay Siliconix TCST1000 Datasheet HTML 4Page - Vishay Siliconix TCST1000 Datasheet HTML 5Page - Vishay Siliconix TCST1000 Datasheet HTML 6Page - Vishay Siliconix TCST1000 Datasheet HTML 7Page - Vishay Siliconix TCST1000 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TCST1000/ TCST2000
Vishay Telefunken
www.vishay.com
2 (8)
Rev. A3, 08–Jun–99
Document Number 83762
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 ms
IFSM
3
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
100
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
100
mA
Collector peak current
tp /T = 0.5, tp ≤ 10 ms
ICM
200
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
100
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Ambient temperature range
Tamb
–55 to +85
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
2 mm from case, t
≤ 5 s
Tsd
260
°C
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 mA
VECO
7
V
Collector dark current
VCE = 25 V, IF = 0, E = 0
ICEO
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector current
VCE = 5 V, IF = 20 mA
IC
0.25
0.5
mA
Collector emitter saturation
voltage
IF = 20 mA, IC = 25 mA
VCEsat
0.4
V
Resolution, path of the
shutter crossing the radiant
sensitive zone
ICrel = 10/90%
0.6
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com