Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST1210 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCST1210
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1210 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCST1210 Datasheet HTML 1Page - Vishay Siliconix TCST1210 Datasheet HTML 2Page - Vishay Siliconix TCST1210 Datasheet HTML 3Page - Vishay Siliconix TCST1210 Datasheet HTML 4Page - Vishay Siliconix TCST1210 Datasheet HTML 5Page - Vishay Siliconix TCST1210 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCST1210
Vishay Telefunken
3 (6)
www.vishay.com
Document Number 83769
Rev. A1, 08–Jun–99
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Rise time
VS = 5 V, IC = 100 mA, RL = 1 kW (see figure 1)
tr
20.0
ms
Fall time
S
C
m
L
tf
20.0
ms
15119
RG = 50 W
tp
T
= 0.01
tp = 50 ms
+ 5 V
0
IF
IF
IC = 100 mA
Adjusted throug
input amplitude
Channel I
Channel II
50
W
1 k
W
Oscilloscope
RL > 1 MW
CL < 20 pF
Figure 1. Test circuit
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 2. Switching times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com