Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST5123 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST5123
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST5123 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST5123 Datasheet HTML 1Page - Vishay Siliconix TCST5123 Datasheet HTML 2Page - Vishay Siliconix TCST5123 Datasheet HTML 3Page - Vishay Siliconix TCST5123 Datasheet HTML 4Page - Vishay Siliconix TCST5123 Datasheet HTML 5Page - Vishay Siliconix TCST5123 Datasheet HTML 6Page - Vishay Siliconix TCST5123 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCST5123
Vishay Telefunken
www.vishay.com
2 (7)
Rev. A3, 08–Jun–99
Document Number 83766
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 ms
IFSM
3
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
100
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
100
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
100
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Operation temperature range
Tamb
–25 to +85
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 3 s distance 1.5 mm from case
Tsd
260
°C
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector dark current
VCE = 25 V, IF = 0, E = 0
ICEO
100
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector current 1)
VCE = 5 V, IF = 20 mA
IC
2.4
4.0
mA
Crosstalk 2)
VCE = 5 V, IF = 20 mA
ICX
50
mA
Collector emitter satu-
ration voltage
IF = 20 mA, IC = 0.025 mA
VCEsat
0.4
V
1) Without shield
2) With shield, see mechanical setup



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com