Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1563-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1563-2
Description  Active RC, 4th Order Lowpass Filter Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC1563-2 Datasheet HTML 1Page - Linear Technology LTC1563-2 Datasheet HTML 2Page - Linear Technology LTC1563-2 Datasheet HTML 3Page - Linear Technology LTC1563-2 Datasheet HTML 4Page - Linear Technology LTC1563-2 Datasheet HTML 5Page - Linear Technology LTC1563-2 Datasheet HTML 6Page - Linear Technology LTC1563-2 Datasheet HTML 7Page - Linear Technology LTC1563-2 Datasheet HTML 8Page - Linear Technology LTC1563-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1563-2/LTC1563-3
156323fa
LTC1563-2CGN
LTC1563-3CGN
LTC1563-2IGN
LTC1563-3IGN
TJMAX = 150°C, θJA = 135°C/ W
ORDER PART
NUMBER
Total Supply Voltage (V+ to V) ............................... 11V
Maximum Input Voltage at
Any Pin ....................... (V– 0.3V)
≤ VPIN ≤ (V+ + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1563C ............................................... 0
°C to 70°C
LTC1563I ............................................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LP
SA
NC
INVA
NC
LPA
AGND
V
V+
LPB
NC
INVB
NC
SB
NC
EN
NOTE: PINS LABELED NC ARE NOT CONNECTED
INTERNALLY AND SHOULD BE CONNECTED TO THE
SYSTEM GROUND
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VS = Single 4.75V, EN pin to logic “low,” Gain = 1, RFIL = R11 = R21 = R31 = R12 = R22 = R32, specifications apply to both the high
speed (HS) and low power (LP) modes unless otherwise noted.
Consult LTC Marketing for Military grade parts.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Specifications for Both LTC1563-2 and LTC1563-3
Total Supply Voltage (VS), HS Mode
311
V
Total Supply Voltage (VS), LP Mode
2.7
11
V
Output Voltage Swing High (LPB Pin)
VS = 3V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
2.9
2.95
V
HS Mode
VS = 4.75V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
4.55
4.7
V
VS = ±5V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
4.8
4.9
V
Output Voltage Swing Low (LPB Pin)
VS = 3V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
0.015
0.05
V
HS Mode
VS = 4.75V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
0.02
0.05
V
VS = ±5V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
– 4.95
– 4.9
V
Output Swing High (LPB Pin)
VS = 2.7V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
2.6
2.65
V
LP Mode
VS = 4.75V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
4.55
4.65
V
VS = ±5V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
4.8
4.9
V
Output Swing Low (LPB Pin)
VS = 2.7V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
0.01
0.05
V
LP Mode
VS = 4.75V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
0.015
0.05
V
VS = ±5V, fC = 25.6kHz, RFIL = 100k, RL = 10k to GND
– 4.95
– 4.9
V
DC Offset Voltage, HS Mode
VS = 3V, fC = 25.6kHz, RFIL = 100k
±1.5
±3mV
(Section A Only)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
±1.0
±3mV
VS = ±5V, fC = 25.6kHz, RFIL = 100k
±1.5
±3mV
DC Offset Voltage, LP Mode
VS = 2.7V, fC = 25.6kHz, RFIL = 100k
±2
±6mV
(Section A Only)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
±2
±6mV
VS = ±5V, fC = 25.6kHz, RFIL = 100k
±2
±7mV
DC Offset Voltage, HS Mode
VS = 3V, fC = 25.6kHz, RFIL = 100k
±1.5
±3mV
(Input to Output, Sections A, B Cascaded)
VS = 4.75V, fC = 25.6kHz, RFIL = 100k
±1.0
±3mV
VS = ±5V, fC = 25.6kHz, RFIL = 100k
±1.5
±3mV
15632
15633
15632I
15633I
GN PART
MARKING
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com