Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCST5250 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCST5250
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST5250 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCST5250 Datasheet HTML 1Page - Vishay Siliconix TCST5250 Datasheet HTML 2Page - Vishay Siliconix TCST5250 Datasheet HTML 3Page - Vishay Siliconix TCST5250 Datasheet HTML 4Page - Vishay Siliconix TCST5250 Datasheet HTML 5Page - Vishay Siliconix TCST5250 Datasheet HTML 6Page - Vishay Siliconix TCST5250 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 83787
2
Rev. 1.5, 17-Aug-09
TCST5250
Vishay Semiconductors
Transmissive Optical Sensor with
Phototransistor Output
Note
(1) Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
(1) Tamb = 25 °C, unless otherwise specified
OUTPUT (DETECTOR)
Power dissipation
Tamb ≤ 25 °C
PV
150
mW
Junction temperature
Tj
100
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
0
100
200
300
400
95 11088
Tamb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode
150
120
90
60
30
BASIC CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
COUPLER
Collector current
VCE = 10 V, IF = 20 mA
IC
0.5
1.5
15
mA
Collector emitter saturation
voltage
IF = 20 mA, IC = 0.2 mA
VCEsat
0.4
V
INPUT (EMITTER)
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT (DETECTOR)
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 µA
VECO
7V
Collector dark current
VCE = 25 V, IF = 0 A, E = 0 lx
ICEO
10
100
nA
SWITCHING CHARACTERISTICS
Turn-on time
IC = 1 mA, VCE = 5 V,
RL = 100 Ω (see figure 2)
ton
15
µs
Turn-off time
IC = 1 mA, VCE = 5 V,
RL = 100 Ω (see figure 2)
toff
10
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com